PART |
Description |
Maker |
L06031R2CGSTR L08054R7DESTR L0805180JESTR L08053R9 |
For RoHS compliant products, SMD High-Q RF Inductor Accu-L? SMD High-Q RF Inductor Accu-L? SMD High-Q RF Inductor
|
AVX Corporation
|
ZXLD1366QEN8TC |
AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
|
Diodes Incorporated
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
SPD16A1002BQLF13 SPD16A1002DLLF13 SPD16A1002BSLF13 |
Automotive Relays; V23133A3001D152 ( Tyco Electronics ) Automotive Relays; V23135W1001A309-EV-CBOX ( Tyco Electronics ) Thin Film Resistor Network Isolated and Bussed Circuits RoHS compliant available 薄膜电阻网络隔离和一天夜里,电路提供符合RoHS Thin Film Resistor Network Isolated and Bussed Circuits RoHS compliant available RESISTOR, NETWORK, FILM, ISOLATED, 0.6 W, SURFACE MOUNT Automotive Relays; V23134J0052X439 ( Tyco Electronics )
|
BI Technologies Corporation BI Technologies, Corp.
|
ZTL432BQFFTA ZTL431AQFFTA ZTL431BQFFTA ZTL432AQFFT |
AUTOMOTIVE COMPLIANT ADJUSTABLE PRECISION SHUNT REGULATOR
|
Diodes Incorporated
|
3KASMC10AHE3/57T 3KASMC10AHE3/9AT 3KASMC36A 3KASMC |
Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions) Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions) 表面贴装汽车瞬态电压抑制器(高温度稳定
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
QVS212CG020BDHT |
High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
|
Taiyo Yuden (U.S.A.), I...
|
QVS107CG160JCHT |
High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
|
Taiyo Yuden (U.S.A.), I...
|
QVS212CG0R7BDHT |
High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
|
Taiyo Yuden (U.S.A.), I...
|
GM123210GRAAB-01 GM123210GRABB-01 GM123210NMEYB-01 |
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:3; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:2; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight 液晶模组规格 CAP 4700PF 100V 10% X7R AXIAL TR-14 液晶模组规格 CAP 1800PF 100V 10% X7R AXIAL TR-14 液晶模组规格 CAPACITOR, ACCU-P 5.6PF 50V 0603CAPACITOR, ACCU-P 5.6PF 50V 0603; Capacitance:5.6pF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :1.8%; Tolerance, -:1.8%; Temp, op. max:125(degree C); Temp, op. 液晶模组规格 LCD MODULE SPECIFICATION 液晶模组规格 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:7; Connector Shell Size:16S; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight Circular Connector; No. of Contacts:35; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:28-15 RoHS Compliant: No ER 20C 20#16 SKT PLUG RoHS Compliant: No ER 15C 15#16 PIN PLUG ER 26C 26#16 SKT PLUG ER 20C 20#16 PIN PLUG ER 26C 26#16 PIN PLUG CAP 3300PF 100V 10% X7R AXIAL TR-14 LCD MODULE SPECIFICATION
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
3KASMC10AHE3/9AT 3KASMC10AHE3/57T 3KASMC24A |
Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
|
Vishay Siliconix http://
|